công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 63 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 59Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 60Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 61Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 62Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 63Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 64Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 65Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 66Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-63
Figure 2.6.3 Timer Mode Timing Chart
(2) External trigger timer mode
In this mode, counting up is started by an external trigger. This trigger is the edge of
the TC1 pin input. Either the rising or falling edge can be selected with INT2ES in
EINTCR. Edge selection is the same as for INT3 pin. Source clock is an internal clock
selected with TC1CK. The contents of TREG1A is compared with the contents of
up-counter. If a match is found, an INTTC1 interrupt is generated, and the counter is
cleared to “0” and halted. The counter is restarted by the selected edge of the TC1 pin
input.
When METT1 (bit 6 in TC1CR) is “1”, inputting the edge to the reverse direction of
the trigger edge to start counting clears the counter, and the counter is stopped.
Inputting a constant pulse width can generate interrupts. When METT1 is “0”, the
reverse directive edge input is ignored. The TC1 pin input edge before a match
detection is also ignored.
The TC1 pin input has the same noise rejection as the INT3 pin; therefore, pulses of
7/fc [s] or less are rejected as noise. A pulse width of 24/fc [s] or more is required for
edge detection in NORMAL1, 2 or IDLE1, 2 mode. The noise rejection circuit is turned
off in SLOW and SLEEP modes. But, a pulse width of one machine cycle or more is
required.
Example 1: Detects rising edge in TC1 pin input and generates an interrupt 100
μs later. (at fc = 12.5 MHz,
DV1CK
= 1)
LD
(EINTCR), 00000000B
;
INT3ES
← 0 (rising edge)
LDW
(TREG1A), 004EH
;
100
μs ÷ 2
4/fc = 4EH
SET
(EIRL).EF4
;
INTTC1 interrupt enable
EI
LD
(TC1CR), 00111000B
;
TC1 external trigger start, METT1
= 0
TREG1B
m
− 1
m
m
− 2
?
Up-counter
SCAP1
Capture
m
+ 1
m
+ 2
(b) Software capture
TREG1A
INTTC1 interrupt
n
− 1
n
n
+ 1
n
m
Capture
Command start
1
Source clock
Up-counter
Source clock
2
3
4
1
2
3
4
0
?
n
n
− 1 n 0
5
6
7
Match detect
Counter clear
(a) Timer mode
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com