công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 72 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 68Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 69Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 70Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 71Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 72Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 73Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 74Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 75Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-72
(2) Event counter mode
In this mode, events are counted on the rising edge of the TC2 pin input. The
contents of TREG2 are compared with the contents of the up-counter. If a match is
found, an INTTC2 interrupt is generated, and the counter is cleared. The maximum
frequency applied to the TC2 pin is shown in Table 2.7.2. Two or more machine cycles
are required for both the “H” and “L” levels of the pulse width.
Example: Sets the event counter mode and generates an INTTC2 interrupt 640 counts later.
LDW
(TREG2), 640
;
Sets TREG2
SET
(EIRH). EF14
;
Enables INTTC2 interrupt
EI
LD
(TC2CR), 00111100B
;
Starts TC2
Table 2.7.2 Timer/Counter 2 External Clock Source
Maximum Applied Frequency [Hz]
NORMAL1/2, IDLE1/2 Mode
SLOW, SLEEP Mode
fc/2
4
fs/2
4
(3) Window mode
In this mode, counting up is performed on the rising edge of an internal clock during
TC2 external pin input(window pulse) is “H” level. The contents of TREG2 are
compared with the contents of up-counter. If a match is found, an INTTC2 interrupt is
generated, and the up-counter is cleared.
The maximum applied frequency (TC2 input) must be considerably slower than the
selected internal clock.
Example: Generates an interrupt, inputting “H” level pulse width of 120 ms or more. (at fc = 12.5 MHz,
DV1CK = 1)
LDW
(TREG2), 0056H
;
Sets TREG2 (120 ms
÷ 2
14/fc = 0056H)
SET
(EIRH). EF14
;
Enables INTTC2 interrupt
EI
LD
(TC2CR), 00100101B
;
Starts TC2
Figure 2.7.3 Window Mode Timing Chart
INTTC2 interrupt
TREG2
n
0
1
2
n
− 3n − 2
0
n
− 1
1
2
3
Match detect
Counter clear
TC2 pin input
Internal clock
Up-counter
n
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com