công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 92 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 88Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 89Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 90Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-92
(3) 1-word data transfer
Check the MST by the INTSBI interrupt process after a 1-word data transfer is
completed, and determine whether the mode is a master or slave.
a.
When the MST is “1” (Master mode)
Check the TRX and determine whether the mode is a transmitter or receiver.
1.
When the TRX is “1” (Transmitter mode)
Check the LRB. When the LRB is “1”, a receiver does not request data.
Implement the process to generate a stop condition and terminate data transfer.
When the LRB is “0”, the receiver requests new data. When the next
transmitted data is other than 8 bits, set the BC and write the transmitted data to
the SBIDBR after setting ACK to “1”. After writing the data, the PIN becomes “1”,
a serial clock pulse is generated for transferring a new 1-word of data from the
SCL pin, and then the 1-word data is transmitted. After the data is transmitted,
an INTSBI interrupt request occurs. The PIN becomes “0” and the SCL pin is
pulled down to the low level. If the data to be transferred is more than one word in
length, repeat the procedure from the LRB checking above.
Figure 2.10.12 Example when BC
= “000”, ACK = “1”
2.
When the TRX is “0” (Receiver mode)
When the next transmitted data is other than 8 bits, set the BC again. Set the
ACK to “1” and read the received data from the SBIDBR (data which is read
immediately after a slave address is sent is undefined). After the data is read, the
PIN becomes “1”. The TMP88CU74 outputs a serial clock pulse to the SCL to
transfer new 1-word of data and sets the SDA pin to “0” at the acknowledge signal
timing.
An INTSBI interrupt request occurs and the PIN becomes “0”. The TMP88CU74
outputs a clock pulse for 1-word of data transfer and the acknowledge signal each
time that received data is read from the SBIDBR.
Figure 2.10.13 Example when BC
= “000”, ACK = “1”
SCL pin
SDA pin
Acknowledge signal
to a transmitter
1
2
3
4
5
6
7
8
9
D7
D6
D5
D4
D3
D2
D1
PIN
INTSBI
interrupt request
D0
Read SBIDBR
New D7
SCL pin
SDA pin
Acknowledge signal
from a receiver
1
2
3
4
5
6
7
8
9
D7
D6
D5
D4
D3
D2
D1
PIN
INTSBI
interrupt request
D0
Write to SBIDBR
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com