công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 16 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 12Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 14Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 18Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 19Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-16
Figure 1.4.9 Level-sensitive Release Mode
Note 1: Even if the STOP pin input is low after warming up start, the STOP mode is not restarted.
Note 2: In this case of changing to the level-sensitive mode from the edge-sensitive mode, the release
mode is not switched until a rising edge of the STOP pin input is detected.
b.
Edge-sensitive release mode (RELM = “0”)
In this mode, STOP mode is released by a rising edge of the STOP pin input.
This is used in applications where a relatively short program is executed
repeatedly at periodic intervals. This periodic signal (for example, a clock from a
low-power consumption oscillator) is input to the STOP pin. In the edge-sensitive
release mode, STOP mode is started even when the STOP pin input is high level.
Example: Starting STOP mode from NORMAL mode
LD
(SYSCR1), 10010000B
;
Starts after specified to the edge-sensitive
release mode
Figure 1.4.10 Edge-sensitive Release Mode
STOP mode is released by the following sequence.
1.
In the dual-clock mode, when returning to NORMAL2, both the high-frequency
and low-frequency clock oscillators are turned on; when returning to SLOW mode,
only the low-frequency clock oscillator is turned on. In the signal-clock mode, only
the high-frequency clock oscillator is turned on.
2.
A warming-up period is inserted to allow oscillation time to stabilize. During
warm-up, all internal operations remain halted. Four different warming-up times
can be selected with the WUT (bits 2 and 3 in SYSCR1) in accordance with the
resonator characteristics.
STOP
pin
XOUT pin
NORMAL operation
Confirm by program that the
STOP
pin input is low and
start STOP mode.
VIH
STOP mode is released by the hardware.
Always released if the STOP
pin input is high.
NORMAL operation
STOP operation
Warm-up
STOP
pin
NORMAL operation
STOP mode started
by the program.
XOUT pin
STOP mode is released by the hardware at the rising
edge of STOP pin input.
VIH
Warm-up
NORMAL
operation
STOP operation
STOP operation
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com