công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 98 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 98Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 99Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 100Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 101Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-98
Figure 2.10.20 Shift Edge
(2) Transfer mode
The SIOM (bits 5 and 4 in SIO1CR) is used to select a transmit, receive, or
transmit/receive mode.
a.
8-bit transmit mode
Set a control register to a transmit mode and write data to the SBIDBR.
After the data is written, set the SIOS to “1” to start data transfer. The
transmitted data is transferred from the SBIDBR to the shift register and output
to the SO0 pin in synchronous with the serial clock, starting from the least
significant bit (LSB). When the data is transferred to the shift register, the
SBIDBR becomes empty. The INTSBI (buffer empty) interrupt request is
generated to request new data.
When the internal clock is used, the serial clock will stop and automatic-wait
function will be initiated if new data is not loaded to the data buffer register after
the specified 8-bit data is transmitted. When new data is written, automatic-wait
function is canceled.
When the external clock is used, data should be written to the SBIDBR before
new data is shifted. The transfer speed is determined by the maximum delay time
between the time when an interrupt request is generated and the time when data
is written to the SBIDBR by the interrupt service program.
When the transmit is started, the same value as the final bit of the last data is
output until the falling edge of the SCK after the SIOF goes “1”.
Transmitting data is ended by cleaning the SIOS to “0” by the buffer empty
interrupt service program or setting the SIOINH to “1”. When the SIOS is cleared,
the transmitted mode ends when all data is output. In order to confirm if data is
surely transmitted by the program, set the SIOF (bit 3 in the SBISR) to be sensed.
The SIOF is cleared to “0” when transmitting is complete. When the SIOINH is
set, transmitting data stops. The SIOF turns “0”.
When the external clock is used, it is also necessary to clear the SIOS to “0”
before new data is shifted; otherwise, dummy data is transmitted and operation
ends.
0
SCK
pin
SO0 pin
Shift register
0
SCK
pin
SI0 pin
Shift register
Bit 0
Bit 1
(a) Leading edge
(b) Trailing edge
********
76543210
*7654321
**765432
***76543
****7654
*****765
******76
*******7
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
*******
10
******
210
*****
3210
****
43210
***
543210
**
6543210
* 76543210
*: Don’t care
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com