công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 19 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 18Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 19Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 20Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 21Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 22Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-19
(2) IDLE mode (IDLE1, IDLE2, SLEEP)
IDLE mode is controlled by the system control register 2 (SYSCR2) and maskable
interrupts. The following status is maintained during IDLE mode.
1.
Operation of the CPU and watchdog timer (WDT) is halted. On-chip peripherals
continue to operate.
2.
The data memory, CPU registers, program status word and port output latches
are all held in the status in effect before IDLE mode was entered.
3.
The program counter holds the address of the second instruction after the
instruction which starts IDLE mode.
Example: Starting IDLE mode.
SET
(SYSCR2). 4
;
IDLE ← 1
Figure 1.4.12 IDLE Mode
IDLE mode includes a normal release mode and an interrupt release mode. Selection
is made with the interrupt master enable flag (IMF). Releasing IDLE mode returns
from IDLE1 to NORMAL1, from IDLE2 to NORMAL2, and from SLEEP to SLOW
mode.
Interrupt request
IMF
= 1
Interrupt processing
Execution of the instruction
which follows the IDLE
mode start instruction
(Normal release mode)
No
No
Reset
(Interrupt release mode)
Yes
Yes
No
Yes
Starting IDLE mode
by instruction
CPU, WDT are halted
Reset input
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com