công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 14 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 10Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 11Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 12Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 13Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 14Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 15Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 16Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-14
System Control Register 1
7
6
5
4
3
2
1
0
SYSCR1
(00038H)
STOP
RELM
RETM
“1”
WUT
(Initial value: 0000 00
**)
STOP
STOP mode start
0: CPU core and peripherals remain active
1: CPU core and peripherals are halted (start STOP mode)
RELM
Release method
for STOP mode
0: Edge-sensitive release
1: Level-sensitive release
RETM
Operating mode
after STOP mode
0: Return to NORMAL mode
1: Return to SLOW mode
Return to NORMAL mode
DV1CK
= 0
DV1CK
= 1
Return to
SLOW mode
00
3
× 2
16/fc
3
× 2
17/fc
3
× 2
13/fc
01
2
16/fc
2
17/fc
2
13/fc
10
3
× 2
14/fc
3
× 2
15/fc
⎯
WUT
Warming-up time at releasing
STOP mode
11
2
14/fc
2
15/fc
⎯
R/W
Note 1: Always set RETM to “0” when transiting from NORMAL mode to STOP mode. Always set RETM to “1” when
transiting from SLOW mode to STOP mode.
Note 2: When STOP mode is released with RESET pin input, a return is made to NORMAL mode regardless of the
RETM contents.
Note 3: fc: High-frequency clock [Hz]
fs: Low-frequency clock [Hz]
*: Don’t care
Note 4: Bits 1 and 0 in SYSCR1 are read in as undefined data when a read instruction is executed.
Note 5: Always set bit 4 in SYSCR1 to “1” when STOP mode is started.
System Control Register 2
7
6
5
4
3
2
1
0
SYSCR2
(00039H)
XEN
XTEN
SYSCK
IDLE
(Initial value: 1000
****)
XEN
High-frequency oscillator
control
0: Turn off oscillation
1: Turn on oscillation
XTEN
Low-frequency oscillator
control
0: Turn off oscillation
1: Turn on oscillation
SYSCK
Main system clock select
(write)/main system clock
monitor (read)
0: High-frequency clock
1: Low-frequency clock
IDLE
IDLE mode start
0: CPU and watchdog timer remain active
1: CPU and watchdog timer are stopped (start IDLE1 mode)
R/W
Note 1: XEN and SYSCK are automatically overwritten in accordance with the contents of RETM (bit 5 in SYSCR1)
when STOP mode is released.
RETM
Operating mode after STOP mode
XTEN
SYSCK
0
1
NORMAL 1/2 mode
SLOW mode
1
0
0
1
Note 2: Do not clear XEN to “0” when SYSCK = 0, and do not clear XTEN to “0” when SYSCK = 1.
Note 3: A reset is applied ( RESET pin output goes low) if both XEN and XTEN are cleared to “0”.
Note 4:
*: Don’t care
Note 5: Bits 3 to 0 in SYSCR2 are always read in as “1” when a read instruction is executed.
Figure 1.4.8 System Control Registers
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com