công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP88CU74F bảng dữ liệu(PDF) 82 Page - Toshiba Semiconductor

tên linh kiện TMP88CU74F
Giải thích chi tiết về linh kiện  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F bảng dữ liệu(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 78Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 79Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 80Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 81Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 82Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 83Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 84Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 85Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-82
2.10.2
Control
The following registers are used to control the serial bus interface and monitor the
operation status.
•
Serial bus interface control register 1 (SBICR1)
•
Serial bus interface control register 2 (SBICR2)
•
Serial bus interface data buffer register (SBIDBR)
•
I2C bus address register (I2CAR)
•
Serial bus interface status register (SBISR)
The above registers differ depending on an mode to be used. Refer to Section “2.10.4 I2C
bus mode control” and “2.10.6 Clocked-synchronous 8-bit SIO mode control”.
2.10.3
The Data Format in the I
2C Bus Mode
The data format in the I2C bus mode are shown in Figure 2.10.2.
S: Start condition
R/ W : Direction bit
ACK: Acknowledge bit
P: Stop condition
Figure 2.10.2 Data Format in I
2C Bus Mode
1
1 or more
1 or more
1 or more
1
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data
1
1
Slave address
A
C
K
A
C
K
R
/
W
R
/
W
R
/
W
P
P
P
A
C
K
A
C
K
A
C
K
S
S
S
S
(a) Addressing format
(b) Addressing format (with restart)
(c) Free data format
Data
8 bits
1 to 8 bits
1 or more
1
Data
1 to 8 bits
Slave address
Slave address
Data
Data
Data
Data
8 bits
8 bits
1 to 8 bits
1 to 8 bits
1 to 8 bits
8 bits
1 to 8 bits
1
1
1
1
1
1
1
1
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com