công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 265 Page - Motorola, Inc

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 bảng dữ liệu(HTML) 265 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 261Page - Motorola, Inc HCS08 Datasheet HTML 262Page - Motorola, Inc HCS08 Datasheet HTML 263Page - Motorola, Inc HCS08 Datasheet HTML 264Page - Motorola, Inc HCS08 Datasheet HTML 265Page - Motorola, Inc HCS08 Datasheet HTML 266Page - Motorola, Inc HCS08 Datasheet HTML 267Page - Motorola, Inc HCS08 Datasheet HTML 268Page - Motorola, Inc HCS08 Datasheet HTML 269Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
265
MC9S08GB/GT
Figure A-1 Pullup and Pulldown Typical Resistor Values (VDD = 3.0 V)
dc injection current(4), (5), (6), (7), (8)
VIN < VSS , VIN > VDD
Single pin limit
Total MCU limit, includes sum of all stressed pins
|IIC|
—
—
0.2
5
mA
mA
Input capacitance (all non-supply pins)(2)
CIn
—7
pF
NOTES:
1. Typicals are measured at 25
°C.
2. This parameter is characterized and not tested on each device.
3. Measurement condition for pull resistors: VIn = VSS for pullup and VIn = VDD for pulldown.
4. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn >VDD) is greater than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock
is present, or if clock rate is very low which would reduce overall power consumption.
5. All functional non-supply pins are internally clamped to VSS and VDD.
6. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive and negative clamp voltages, then use the larger of the two values.
7. This parameter is characterized and not tested on each device.
8. IRQ does not have a clamp diode to VDD. Do not drive IRQ above VDD.
Table A-4 DC Characteristics (Continued)
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical(1)
Max
Unit
PULLUP RESISTOR TYPICALS
VDD (V)
20
25
30
35
40
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
25
°C
85
°C
–40
°C
PULLDOWN RESISTOR TYPICALS
VDD (V)
20
25
30
35
40
1.8
2.3
2.8
3.3
25
°C
85
°C
–40
°C
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com