| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS08 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 316 page ![]() MC9S08SG8 MCU Series Data Sheet, Rev. 8 12 Freescale Semiconductor Section Number Title Page 4.5.3 Program and Erase Command Execution .........................................................................50 4.5.4 Burst Program Execution ..................................................................................................51 4.5.5 Access Errors ....................................................................................................................53 4.5.6 FLASH Block Protection ..................................................................................................53 4.5.7 Vector Redirection ............................................................................................................54 4.6 Security ............................................................................................................................................54 4.7 FLASH Registers and Control Bits .................................................................................................55 4.7.1 FLASH Clock Divider Register (FCDIV) ........................................................................56 4.7.2 FLASH Options Register (FOPT and NVOPT) ................................................................57 4.7.3 FLASH Configuration Register (FCNFG) .......................................................................58 4.7.4 FLASH Protection Register (FPROT and NVPROT) ......................................................58 4.7.5 FLASH Status Register (FSTAT) ......................................................................................59 4.7.6 FLASH Command Register (FCMD) ...............................................................................60 Chapter 5 Resets, Interrupts, and General System Control 5.1 Introduction .....................................................................................................................................61 5.2 Features ...........................................................................................................................................61 5.3 MCU Reset ......................................................................................................................................61 5.4 Computer Operating Properly (COP) Watchdog .............................................................................62 5.5 Interrupts .........................................................................................................................................63 5.5.1 Interrupt Stack Frame .......................................................................................................64 5.5.2 Interrupt Vectors, Sources, and Local Masks ...................................................................65 5.6 Low-Voltage Detect (LVD) System ................................................................................................67 5.6.1 Power-On Reset Operation ...............................................................................................67 5.6.2 Low-Voltage Detection (LVD) Reset Operation ...............................................................67 5.6.3 Low-Voltage Warning (LVW) Interrupt Operation ...........................................................67 5.7 Reset, Interrupt, and System Control Registers and Control Bits ...................................................67 5.7.1 System Reset Status Register (SRS) .................................................................................68 5.7.2 System Background Debug Force Reset Register (SBDFR) ............................................69 5.7.3 System Options Register 1 (SOPT1) ................................................................................70 5.7.4 System Options Register 2 (SOPT2) ................................................................................71 5.7.5 System Device Identification Register (SDIDH, SDIDL) ................................................72 5.7.6 System Power Management Status and Control 1 Register (SPMSC1) ...........................73 5.7.7 System Power Management Status and Control 2 Register (SPMSC2) ...........................74 Chapter 6 Parallel Input/Output Control 6.1 Port Data and Data Direction ..........................................................................................................75 6.2 Pull-up, Slew Rate, and Drive Strength ..........................................................................................76 6.3 Ganged Output ................................................................................................................................77 6.4 Pin Interrupts ...................................................................................................................................78 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |