công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 115 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 115 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 111Page - NXP Semiconductors HCS08 Datasheet HTML 112Page - NXP Semiconductors HCS08 Datasheet HTML 113Page - NXP Semiconductors HCS08 Datasheet HTML 114Page - NXP Semiconductors HCS08 Datasheet HTML 115Page - NXP Semiconductors HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 316 page
background image
Analog Comparator (S08ACMPV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
115
8.2
External Signal Description
The ACMP has two analog input pins, ACMP+ and ACMP- and one digital output pin ACMPO. Each of
these pins can accept an input voltage that varies across the full operating voltage range of the MCU. As
shown in Figure 8-2, the ACMP- pin is connected to the inverting input of the comparator, and the ACMP+
pin is connected to the comparator non-inverting input if ACBGS is a 0. As shown in Figure 8-2, the
ACMPO pin can be enabled to drive an external pin.
The signal properties of ACMP are shown in Table 8-1.
8.3
Memory Map
8.3.1
Register Descriptions
The ACMP includes one register:
•
An 8-bit status and control register
Refer to the direct-page register summary in the memory section of this data sheet for the absolute address
assignments for all ACMP registers.This section refers to registers and control bits only by their names .
Some MCUs may have more than one ACMP, so register names include placeholder characters to identify
which ACMP is being referenced.
Table 8-1. Signal Properties
Signal
Function
I/O
ACMP-
Inverting analog input to the ACMP.
(Minus input)
I
ACMP+
Non-inverting analog input to the ACMP.
(Positive input)
I
ACMPO
Digital output of the ACMP.
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com