| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5502 bảng dữ liệu(PDF) 174 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 bảng dữ liệu(HTML) 174 Page - Texas Instruments |
|
174 / 189 page ![]() www.ti.com HCS HPI.HAS HCNTL[1:0] HR/W HPI.HBIL DS HPI.HD[7:0] HRDY H5 H34 H17 H18 H13 H10 H12 H9 H37 H12 H12 H11 H11 H11 H17 H18 H14 H11 H11 H11 H37 H10 H9 H13 H12 H12 H12 H5 H34 H38 H35 H36 (A ) Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)]. TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 Figure 5-42. Multiplexed Write Timings Using HPI.HAS 174 Specifications |