công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 181 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 177Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 178Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 179Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 182Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 183Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 184Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
181
2.4.2.9
Interrupt flag register (PIFx)
If the pin is used as an interrupt input this register holds the interrupt flag after a valid pin event.
2.4.2.10
Module routing register (MODRR, PTRRR, PTLRR, PTFRR)
This register supports the re-routing of the CAN0, CAN4, SPI2-0, SCI7-3, IIC0, TIM and CS[3:0] pins to
alternative ports. This allows a software re-configuration of the pinouts of the different package options
with respect to above peripherals.
2.4.3
Pins and Ports
NOTE
Please refer to the SOC Guide to determine the pin availability in the
different package options.
2.4.3.1
BKGD pin
The BKGD pin is associated with the S12X_BDM and S12X_EBI modules.
During reset, the BKGD pin is used as MODC input.
2.4.3.2
Port A, B
Port A pins PA[7:0] and Port B pins PB[7:0] can be used for either general-purpose I/O with the external
bus interface. In this case Port A and Port B are associated with the external address bus outputs ADDR15-
ADDR8 and ADDR7-ADDR0, respectively. PB0 is the ADDR0 or UDS output.
2.4.3.3
Port C, D
Port C pins PC[7:0] and Port D pins PD[7:0] can be used for either general-purpose I/O with the external
bus interface. In this case Port C and Port D are associated with the external data bus inputs/outputs
DATA15-DATA8 and DATA7-DATA0, respectively.
These pins are configured for reduced input threshold in certain operating modes (refer to S12X_EBI
section).
2.4.3.4
Port E
Port E is associated with the external bus control outputs RW, LSTRB, LDS and RE, the free-running clock
outputs ECLK and ECLK2X, as well as with the TAGHI, TAGLO, MODA and MODB and interrupt inputs
IRQ and XIRQ.
Port E pins PE[7:2] can be used for either general-purpose I/O or with the alternative functions.
Port E pin PE[7] can be used for either general-purpose I/O or as the free-running clock ECLKX2 output
running at the Core Clock rate. The clock output is always enabled in emulation modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com