công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 37 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 37Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 38Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 39Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 40Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
37
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Figure 1-3 shows XGATE local address translation to the global memory map. It indicates also the location
of used internal resources in the memory map.
Table 1-3. XGATE Resources
Table 1-4. Derivative Dependent Memory Parameters
Internal Resource
Size /KByte
$Address
XGATE RAM
32K
XGRAM_LOW = 0x0F_8000
FLASH
30K(1)
1. This value is calculated by the following formula: (64K -2K- XGRAMSIZE)
XGFLASH_HIGH = 0x78_8000
Device
FLASH_LOW
PPAGE
(1)
1. Number of 16K pages addressable via PPAGE register
RAM_LOW
RPAGE
(2)
2. Number of 4K pages addressing the RAM. RAM can also be mapped to 0x4000 - 0x7FFF
EE_LOW
EPAGE
9S12XEP100
0x70_0000
64
0x0F_0000
16
0x13_F000
4(3) + 32(4)
3. Number of 1K pages addressing the Cache RAM via the EPAGE register counting downwards from 0xFF
4. Number of 1K pages addressing the Data flash via the EPAGE register starting upwards from 0x00
9S12XEP768
0x74_0000
48
0x0F_4000
12
0x13_F000
4 + 32
9S12XEQ512
0x78_0000
32
0x0F_8000
8
0x13_F000
4 + 32
9S12XEx384
0x78_0000(5)
5. The 384K memory map is split into a 128K block from 0x78_0000 to 0x79_FFFF and a 256K block from
0x7C_0000 to 0x7F_FFFF
24
0x0F_A000
6
0x13_F000
4 + 32
9S12XET256
9S12XEA256
(6)
6. The 9S12XEA devices are a special bondout for access to extra ADC channels in 80QFP.
Available in 80QFP only. WARNING: NOT PIN-COMPATIBLE WITH REST OF FAMILY.
0x78_0000(7)
7. The 256K memory map is split into a 128K block from 0x78_0000 to 0x79_FFFF and a 128K block from
0x7E_0000 to 0x7F_FFFF
16
0x0F_C000
4
0x13_F000
4 + 32
9S12XEG128
9S12XEA1286
0x78_0000(8)
8. The 128K memory map is split into a 64K block from 0x78_0000 to 0x78_FFFF and a 64K block from
0x7F_0000 to 0x7F_FFFF
8
0x0F_D000
3
0x13_F800
2 + 32
Table 1-5. Derivative Dependent Flash Block Mapping
Device
0x70_0000
0x74_0000
0x78_0000
0x7A_0000
0x7C_0000
0x7E_0000
9S12XEP100
B3
B2
B1S
B1N
B0
9S12XEP768
—
B2
B1S
B1N
B0
9S12XEQ512
——
B1S
B1N
B0
9S12XEx384
——
B1S
—
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com