công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 91 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 87Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 89Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 90Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 91Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 92Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 93Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 94Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
91
Table 2-2 shows all the pins and their functions that are controlled by the Port Integration Module. Refer
to the SOC Guide for the availability of the individual pins in the different package options.
NOTE
If there is more than one function associated with a pin, the priority is
indicated by the position in the table from top (highest priority) to bottom
(lowest priority).
Table 2-2. Pin Functions and Priorities
Port
Pin Name
Pin Function
& Priority(1)
I/O
Description
Pin Function
after Reset
-
BKGD
MODC (2)
I
MODC input during RESET
BKGD
BKGD
I/O S12X_BDM communication pin
A
PA[7:0]
ADDR[15:8]
mux
IVD[15:8] (3)
O
High-order external bus address output
(multiplexed with IVIS data)
Mode
dependent (4)
GPIO
I/O General-purpose I/O
B
PB[7:1]
ADDR[7:1]
mux
IVD[7:1] 3
O
Low-order external bus address output
(multiplexed with IVIS data)
Mode
dependent 4
GPIO
I/O General-purpose I/O
PB[0]
ADDR[0]
mux
IVD0 3
O
Low-order external bus address output
(multiplexed with IVIS data)
UDS
O
Upper data strobe
GPIO
I/O General-purpose I/O
C
PC[7:0]
DATA[15:8]
I/O High-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent 4
GPIO
I/O General-purpose I/O
D
PD[7:0]
DATA[7:0]
I/O Low-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent 4
GPIO
I/O General-purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com