công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 72Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 73Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 74Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 75Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
72
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3.76
PS0 / RXD0 — Port S I/O Pin 0
PS0 is a general-purpose input or output pin. It can be configured as the receive pin RXD of serial
communication interface 0 (SCI0).
1.2.3.77
PT[7:6] / IOC[7:6] — Port T I/O Pins [7:6]
PT[7:6] are general-purpose input or output pins. They can be configured as input capture or output
compare pins IOC[7:6] of the enhanced capture timer (ECT).
1.2.3.78
PT[5] / IOC[5] / VREG_API— Port T I/O Pins [5]
PT[5] is a general-purpose input or output pin. It can be configured as input capture or output compare pin
IOC[5] of the enhanced capture timer (ECT) or can be configured to output the VREG_API signal.
1.2.3.79
PT[4:0] / IOC[4:0] — Port T I/O Pins [4:0]
PT[4:0] are general-purpose input or output pins. They can be configured as input capture or output
compare pins IOC[4:0] of the enhanced capture timer (ECT).
1.2.4
Power Supply Pins
MC9S12XE-Family power and ground pins are described below.
Because fast signal transitions place high, short-duration current demands on the power supply, use bypass
capacitors with high-frequency characteristics and place them as close to the MCU as possible.
NOTE
All VSS pins must be connected together in the application.
1.2.4.1
VDDX[7:1], VSSX[7:1] — Power and Ground Pins for I/O Drivers
External power and ground for I/O drivers. Bypass requirements depend on how heavily the MCU pins are
loaded. All VDDX pins are connected together internally. All VSSX pins are connected together internally.
1.2.4.2
VDDR — Power Pin for Internal Voltage Regulator
Input to the internal voltage regulator. The internal voltage regulator is turned off, if VDDR is tied to ground
1.2.4.3
VDD, VSS1,VSS2,VSS3 — Core Power Pins
Power is supplied to the MCU core from the internal voltage regulator, whose load capacitor must be
connected to VDD. The voltage supply of nominally 1.8V is derived from the internal voltage regulator.
The return current path is through the VSS1,VSS2 and VSS3 pins. No static external loading of these pins
is permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com