công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 70 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 67Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 72Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 73Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
70
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3.60
PP7 / KWP7 / PWM7 / SCK2 / TIMIOC7— Port P I/O Pin 7
PP7 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 7 output, TIM channel 7, or as serial clock pin SCK
of the serial peripheral interface 2 (SPI2).
1.2.3.61
PP6 / KWP6 / PWM6 / SS2 / TIMIOC6— Port P I/O Pin 6
PP6 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 6 output, TIM channel 6 or as the slave select pin SS
of the serial peripheral interface 2 (SPI2).
1.2.3.62
PP5 / KWP5 / PWM5 / MOSI2 / TIMIOC5— Port P I/O Pin 5
PP5 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 5 output, TIM channel 5 or as the master output
(during master mode) or slave input pin (during slave mode) MOSI of the serial peripheral interface 2
(SPI2).
1.2.3.63
PP4 / KWP4 / PWM4 / MISO2 / TIMIOC4— Port P I/O Pin 4
PP4 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 4 output, TIM channel 4 or as the master input
(during master mode) or slave output (during slave mode) pin MISO of the serial peripheral interface 2
(SPI2).
1.2.3.64
PP3 / KWP3 / PWM3 / SS1 / TIMIOC3— Port P I/O Pin 3
PP3 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 3 output, TIM channel 3, or as the slave select pin
SS of the serial peripheral interface 1 (SPI1).
1.2.3.65
PP2 / KWP2 / PWM2 / SCK1 / TIMIOC2— Port P I/O Pin 2
PP2 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 2 output, TIM channel 2, or as the serial clock pin
SCK of the serial peripheral interface 1 (SPI1).
1.2.3.66
PP1 / KWP1 / PWM1 / MOSI1 / TIMIOC1— Port P I/O Pin 1
PP1 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as pulse width modulator (PWM) channel 1 output, TIM channel 1, or master output (during
master mode) or slave input pin (during slave mode) MOSI of the serial peripheral interface 1 (SPI1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com