công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 85 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 86Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 87Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
85
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
is loaded with valid data from the D-Flash EEE partition. Completion of this phase is indicated by the
CCIF flag in the FTM FSTAT register becoming set. If the CPU accesses any EEE RAM location before
the CCIF flag is set, the CPU is stalled until the FTM reset sequence is complete and the EEE RAM data
is valid. Once the CCIF flag is set, indicating the end of this phase, the EEE RAM can be accessed without
impacting the CPU and FTM commands can be executed.
1.6.3.3
Reset While Flash Command Active
If a reset occurs while any Flash command is in progress, that command will be immediately aborted. The
state of the word being programmed or the sector/block being erased is not guaranteed.
1.6.3.4
I/O Pins
Refer to the PIM block description for reset configurations of all peripheral module ports.
1.6.3.5
Memory
The RAM arrays are not initialized out of reset.
1.6.3.6
COP Configuration
The COP timeout rate bits CR[2:0] and the WCOP bit in the COPCTL register are loaded on rising edge
of RESET from the Flash register FOPT. See Table 1-15 and Table 1-16 for coding. The FOPT register is
loaded from the Flash configuration field byte at global address $7FFF0E during the reset sequence.
If the MCU is secured the COP timeout rate is always set to the longest period (CR[2:0] = 111) after COP
reset.
Table 1-15. Initial COP Rate Configuration
NV[2:0] in
FOPT Register
CR[2:0] in
COPCTL Register
000
111
001
110
010
101
011
100
100
011
101
010
110
001
111
000
Table 1-16. Initial WCOP Configuration
NV[3] in
FOPT Register
WCOP in
COPCTL Register
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com