công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 79Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 80Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 86Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
83
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Vector base + $8A
$45
SCI2
I bit
SCI2CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $88
$44
SCI3
I bit
SCI3CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $86
$43
SCI4
I bit
SCI4CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $84
$42
SCI5
I bit
SCI5CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $82
$41
IIC1 Bus
I bit
IBCR (IBIE)
No
Yes
Vector base + $80
$40
Low-voltage interrupt (LVI)
I bit
VREGCTRL (LVIE)
No
Yes
Vector base + $7E
$3F
Autonomous periodical interrupt (API)
I bit
VREGAPICTRL (APIE)
Yes
Yes
Vector base + $7C
—
High Temperature Interrupt
I bit
VREGHTCL (HTIE)
No
Yes
Vector base + $7A
$3D
Periodic interrupt timer channel 0
I bit
PITINTE (PINTE0)
No
Yes
Vector base + $78
$3C
Periodic interrupt timer channel 1
I bit
PITINTE (PINTE1)
No
Yes
Vector base + $76
$3B
Periodic interrupt timer channel 2
I bit
PITINTE (PINTE2)
No
Yes
Vector base + $74
$3A
Periodic interrupt timer channel 3
I bit
PITINTE (PINTE3)
No
Yes
Vector base + $72
$39
XGATE software trigger 0
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $70
$38
XGATE software trigger 1
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $6E
$37
XGATE software trigger 2
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $6C
$36
XGATE software trigger 3
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $6A
$35
XGATE software trigger 4
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $68
$34
XGATE software trigger 5
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $66
$33
XGATE software trigger 6
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $64
$32
XGATE software trigger 7
I bit
XGMCTL (XGIE)
No
Yes
Vector base + $62
Reserved
Vector base + $60
Reserved
Vector base + $5E
$2F
Periodic interrupt timer channel 4
I bit
PITINTE (PINTE4)
No
Yes
Vector base + $5C
$2E
Periodic interrupt timer channel 5
I bit
PITINTE (PINTE5)
No
Yes
Vector base + $5A
$2D
Periodic interrupt timer channel 6
I bit
PITINTE (PINTE6)
No
Yes
Vector base + $58
$2C
Periodic interrupt timer channel 7
I bit
PITINTE (PINTE7)
No
Yes
Vector base + $56
$2B
SCI7
I bit
SCI7CR2
(TIE, TCIE, RIE, ILIE)
Yes
Yes
Vector base + $54
$2A
TIM timer channel 0
I bit
TIE (C0I)
No
Yes
Vector base + $52
$29
TIM timer channel 1
I bit
TIE (C1I)
No
Yes
Vector base + $50
$28
TIM timer channel 2
I bit
TIE (C2I)
No
Yes
Table 1-14. Interrupt Vector Locations (Sheet 3 of 4)
Vector Address(1)
XGATE
Channel
ID(2)
Interrupt Source
CCR
Mask
Local Enable
STOP
Wake up
WAIT
Wake up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com