công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 63Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 64Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 65Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 67Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
67
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3.35
PJ5 / KWJ5 / SCL1 / CS2 — PORT J I/O Pin 5
PJ5 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the serial clock pin SCL of the IIC1 module. It can be also configured as chip-select output 2.
1.2.3.36
PJ4 / KWJ4 / SDA1 / CS0 — PORT J I/O Pin 4
PJ4 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the serial data pin SDA of the IIC1 module. It can also be configured as chip-select output.
1.2.3.37
PJ3 / KWJ3 — PORT J I/O Pin 3
PJ3 is a general-purpose input or output pins. It can be configured as a keypad wakeup input.
1.2.3.38
PJ2 / KWJ2 / CS1 — PORT J I/O Pin 2
PJ2 is a general-purpose input or output pins. It can be configured as a keypad wakeup input. It can also
be configured as chip-select output.
1.2.3.39
PJ1 / KWJ1 / TXD2 — PORT J I/O Pin 1
PJ1 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the transmit pin TXD of the serial communication interface 2 (SCI2).
1.2.3.40
PJ0 / KWJ0 / RXD2 / CS3 — PORT J I/O Pin 0
PJ0 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the receive pin RXD of the serial communication interface 2 (SCI2).It can also be configured
as chip-select output 3.
1.2.3.41
PK7 / EWAIT / ROMCTL — Port K I/O Pin 7
PK7 is a general-purpose input or output pin. During MCU emulation modes and normal expanded modes
of operation, this pin is used to enable the Flash EEPROM memory in the memory map (ROMCTL). At
the rising edge of RESET, the state of this pin is latched to the ROMON bit. The EWAIT input signal
maintains the external bus access until the external device is ready to capture data (write) or provide data
(read).
The input voltage threshold for PK7 can be configured to reduced levels, to allow data from an external
3.3-V peripheral to be read by the MCU operating at 5.0 V.
1.2.3.42
PK[6:4] / ADDR[22:20] / ACC[2:0] — Port K I/O Pin [6:4]
PK[6:4] are general-purpose input or output pins. During MCU expanded modes of operation, the
ACC[2:0] signals are used to indicate the access source of the bus cycle. These pins also provide the
expanded addresses ADDR[22:20] for the external bus. In Emulation modes ACC[2:0] is available and is
time multiplexed with the high addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com