công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 66 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 62Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 63Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 64Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 65Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 67Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
66
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3.28
PH4 / KWH4 / MISO2 / RXD4 — Port H I/O Pin 4
PH4 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master input (during master mode) or slave output (during slave mode) pin MISO of the
serial peripheral interface 2 (SPI2). It can be configured as the receive pin RXD of serial communication
interface 4 (SCI4).
1.2.3.29
PH3 / KWH3 / SS1 — Port H I/O Pin 3
PH3 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as slave select pin SS of the serial peripheral interface 1 (SPI1). It can also be configured as the
transmit pin TXD of serial communication interface 7 (SCI7).
1.2.3.30
PH2 / KWH2 / SCK1 — Port H I/O Pin 2
PH2 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as serial clock pin SCK of the serial peripheral interface 1 (SPI1). It can be configured as the
receive pin RXD of serial communication interface 7 (SCI7).
1.2.3.31
PH1 / KWH1 / MOSI1 — Port H I/O Pin 1
PH1 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master output (during master mode) or slave input pin (during slave mode) MOSI of the
serial peripheral interface 1 (SPI1). It can also be configured as the transmit pin TXD of serial
communication interface 6 (SCI6).
1.2.3.32
PH0 / KWH0 / MISO1 — Port H I/O Pin 0
PH0 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master input (during master mode) or slave output (during slave mode) pin MISO of the
serial peripheral interface 1 (SPI1). It can be configured as the receive pin RXD of serial communication
interface 6 (SCI6).
1.2.3.33
PJ7 / KWJ7 / TXCAN4 / SCL0 / TXCAN0— PORT J I/O Pin 7
PJ7 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the transmit pin TXCAN for the scalable controller area network controller 0 or 4 (CAN0 or
CAN4) or as the serial clock pin SCL of the IIC0 module.
1.2.3.34
PJ6 / KWJ6 / RXCAN4 / SDA0 / RXCAN0 — PORT J I/O Pin 6
PJ6 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as the receive pin RXCAN for the scalable controller area network controller 0 or 4 (CAN0 or
CAN4) or as the serial data pin SDA of the IIC0 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com