công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 95 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 91Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 92Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 93Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 94Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 95Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 96Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 97Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 98Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
95
P
PP7
PWM7
I/O Pulse Width Modulator input/output channel 7
GPIO
SCK2
I/O Serial Peripheral Interface 2 serial clock pin
(TIMIOC7)
I/O Timer Channel 7 input/output
GPIO/KWP7
I/O General-purpose I/O with interrupt
PP6
PWM6
O
Pulse Width Modulator output channel 6
SS2
I/O Serial Peripheral Interface 2 slave select output in master mode,
input for slave mode or master mode.
(TIMIOC6)
I/O Timer Channel 6 input/output
GPIO/KWP6
I/O General-purpose I/O with interrupt
PP5
PWM5
O
Pulse Width Modulator output channel 5
MOSI2
I/O Serial Peripheral Interface 2 master out/slave in pin
(TIMIOC5)
I/O Timer Channel 5 input/output
GPIO/KWP5
I/O General-purpose I/O with interrupt
PP4
PWM4
O
Pulse Width Modulator output channel 4
MISO2
I/O Serial Peripheral Interface 2 master in/slave out pin
(TIMIOC4)
I/O Timer Channel 4 input/output
GPIO/KWP4
I/O General-purpose I/O with interrupt
PP3
PWM3
O
Pulse Width Modulator output channel 3
SS1
I/O Serial Peripheral Interface 1 slave select output in master mode,
input for slave mode or master mode.
(TIMIOC3)
I/O Timer Channel 3 input/output
GPIO/KWP3
I/O General-purpose I/O with interrupt
PP2
PWM2
O
Pulse Width Modulator output channel 2
SCK1
I/O Serial Peripheral Interface 1 serial clock pin
(TIMIOC2)
I/O Timer Channel 2 input/output
GPIO/KWP2
I/O General-purpose I/O with interrupt
PP1
PWM1
O
Pulse Width Modulator output channel 1
MOSI1
I/O Serial Peripheral Interface 1 master out/slave in pin
(TIMIOC1)
I/O Timer Channel 1 input/output
GPIO/KWP1
I/O General-purpose I/O with interrupt
PP0
PWM0
O
Pulse Width Modulator output channel 0
MISO1
I/O Serial Peripheral Interface 1 master in/slave out pin
(TIMIOC0)
I/O Timer Channel 0 input/output
GPIO/KWP0
I/O General-purpose I/O with interrupt
Port
Pin Name
Pin Function
& Priority(1)
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com