công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 68 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 64Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 65Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 67Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
68
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3.43
PK[3:0] / ADDR[19:16] / IQSTAT[3:0] — Port K I/O Pins [3:0]
PK3-PK0 are general-purpose input or output pins. In MCU expanded modes of operation, these pins
provide the expanded address ADDR[19:16] for the external bus and carry instruction pipe information.
1.2.3.44
PL7 / TXD7 — Port L I/O Pin 7
PL7 is a general-purpose input or output pin. It can be configured as the transmit pin TXD of serial
communication interface 7 (SCI7).
1.2.3.45
PL6 / RXD7 — Port L I/O Pin 6
PL6 is a general-purpose input or output pin. It can be configured as the receive pin RXD of serial
communication interface 7 (SCI7).
1.2.3.46
PL5 / TXD6 — Port L I/O Pin 5
PL5 is a general-purpose input or output pin. It can be configured as the transmit pin TXD of serial
communication interface 6 (SCI6).
1.2.3.47
PL4 / RXD6 — Port L I/O Pin 4
PL4 is a general-purpose input or output pin. It can be configured as the receive pin RXD of serial
communication interface 6 (SCI6).
1.2.3.48
PL3 / TXD5 — Port L I/O Pin 3
PL3 is a general-purpose input or output pin. It can be configured as the transmit pin TXD of serial
communication interface 5 (SCI5).
1.2.3.49
PL2 / RXD5 — Port L I/O Pin 2
PL2 is a general-purpose input or output pin. It can be configured as the receive pin RXD of serial
communication interface 5 (SCI5).
1.2.3.50
PL1 / TXD4 — Port L I/O Pin 1
PL1 is a general-purpose input or output pin. It can be configured as the transmit pin TXD of serial
communication interface 4 (SCI4).
1.2.3.51
PL0 / RXD4 — Port L I/O Pin 0
PL0 is a general-purpose input or output pin. It can be configured as the receive pin RXD of serial
communication interface 4 (SCI4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com