công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 65 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 61Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 62Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 63Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 64Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 65Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 67Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 68Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
65
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
interrupt is level sensitive and active low. As XIRQ is level sensitive, while this pin is low the MCU will
not enter STOP mode.
1.2.3.20
PF7 / TXD3 — Port F I/O Pin 7
PF7 is a general-purpose input or output pin. It can be configured as the transmit pin TXD of serial
communication interface 3 (SCI3).
1.2.3.21
PF6 / RXD3 — Port F I/O Pin 6
PF6 is a general-purpose input or output pin. It can be configured as the transmit pin RXD of serial
communication interface 3 (SCI3).
1.2.3.22
PF5 / SCL0 — Port F I/O Pin 5
PF5 is a general-purpose input or output pin. It can be configured as the serial clock pin SCL of the IIC0
module.
1.2.3.23
PF4 / SDA0 — Port F I/O Pin 4
PF4 is a general-purpose input or output pin. It can be configured as the serial data pin SDA of the IIC0
module.
1.2.3.24
PF[3:0] / CS[3:0] — Port F I/O Pins 3 to 0
PF[3:0] are a general-purpose input or output pins. They can be configured as chip select outputs [3:0].
1.2.3.25
PH7 / KWH7 / SS2 / TXD5 — Port H I/O Pin 7
PH7 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as slave select pin SS of the serial peripheral interface 2 (SPI2). It can be configured as the
transmit pin TXD of serial communication interface 5 (SCI5).
1.2.3.26
PH6 / KWH6 / SCK2 / RXD5 — Port H I/O Pin 6
PH6 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as serial clock pin SCK of the serial peripheral interface 2 (SPI2). It can be configured as the
receive pin (RXD) of serial communication interface 5 (SCI5).
1.2.3.27
PH5 / KWH5 / MOSI2 / TXD4 — Port H I/O Pin 5
PH5 is a general-purpose input or output pin. It can be configured as a keypad wakeup input. It can be
configured as master output (during master mode) or slave input pin (during slave mode) MOSI of the
serial peripheral interface 2 (SPI2). It can be configured as the transmit pin TXD of serial communication
interface 4 (SCI4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com