công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 87 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 86Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 87Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 89Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 90Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
87
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.9
MPU Configuration
The MPU has the option of a third bus master (CPU + XGATE + other) which is not present on this device
family but may be on other parts.
1.10
VREG Configuration
The VREGEN connection of the voltage regulator is tied internally to VDDR such that the voltage
regulator is always enabled with VDDR connected to a positive supply voltage. The device must be
configured with the internal voltage regulator enabled. Operation in conjunction with an external voltage
regulator is not supported.
The autonomous periodic interrupt clock output is mapped to PortT[5].
The API trimming register APITR is loaded on rising edge of RESET from the Flash IFR option field at
global address 0x40_00F0 bits[5:0] during the reset sequence. Currently factory programming of this IFR
range is not supported.
1.10.1
Temperature Sensor Configuration
The VREG high temperature trimming register bits VREGHTTR[3:0] are loaded from the internal Flash
during the reset sequence. To use the high temperature interrupt within the specified limits (THTIA and
THTID) these bits must be loaded with 0x8. Currently factory programming is not supported.
The device temperature can be monitored on ADC0 channel[17].
The internal bandgap reference voltage can also be mapped to ADC0 analog input channel[17]. The
voltage regulator VSEL bit when set, maps the bandgap and, when clear, maps the temperature sensor to
ADC0 channel[17].
Read access to reserved VREG register space returns “0”. Write accesses have no effect. This device does
not support access abort of reserved VREG register space.
1.11
BDM Clock Configuration
The BDM alternate clock source is the oscillator clock.
1.12
S12XEPIM Configuration
On smaller derivatives the S12XEPIM module is a subset of the S12XEP100. The registers of the
unavailable ports are unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com