công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 31 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 27Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 28Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 29Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
31
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
Low-power wake-up timer (API)
— Available in all modes including Full Stop Mode
— Trimmable to +-5% accuracy
— Time-out periods range from 0.2ms to ~13s with a 0.2ms resolution
•
Input/Output
— Up to 152 general-purpose input/output (I/O) pins plus 2 input-only pins
— Hysteresis and configurable pull up/pull down device on all input pins
— Configurable drive strength on all output pins
•
Package Options
— 208-pin MAPBGA
— 144-pin low-profile quad flat-pack (LQFP)
— 112-pin low-profile quad flat-pack (LQFP)
— 80-pin quad flat-pack (QFP)
•
50MHz maximum CPU bus frequency, 100MHz maximum XGATE bus frequency
1.1.2
Modes of Operation
Memory map and bus interface modes:
•
Normal and emulation operating modes
— Normal single-chip mode
— Normal expanded mode
— Emulation of single-chip mode
— Emulation of expanded mode
•
Special Operating Modes
— Special single-chip mode with active background debug mode
— Special test mode (Freescale use only)
Low-power modes:
•
System stop modes
— Pseudo stop mode
— Full stop mode with fast wake-up option
•
System wait mode
Operating system states
•
Supervisor state
•
User state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com