công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 37Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 38Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 39Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
36
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Unimplemented RAM pages are mapped externally in expanded modes. Accessing unimplemented RAM
pages in single chip modes causes an illegal address reset if the MPU is not configured to flag an MPU
protection error in that range.
Accessing unimplemented FLASH pages in single chip modes causes an illegal address reset if the MPU
is not configured to flag an MPU protection error in that range.
The PARTID value should be referenced regarding the specific memory map for any given device. For
devices sharing the same part ID, the memory regions which are implemented on the larger device but not
supported on the smaller device are implemented but untested on that smaller device. These regions do not
appear as unimplemented in the memory map and do not result in an illegal address reset if erroneously
accessed.
Table 1-2. Unimplemented Range Mapping to Part ID
From the above the following examples can be derived.
The 9S12XEP768 is currently only available as a 9S12XEP100 die, thus the unimplemented FLASH pages
are those of the 9S12XEP100 device map.
The 9S12XEQ384, 9S12XEG384, 9S12XES384 are currently only available as a 9S12XEQ512 die, thus
the unimplemented FLASH pages are those of the 9S12XEQ512 device map.
The 9S12XEG128 is currently only available as a 9S12XET256 die, thus the unimplemented FLASH
pages are those of the 9S12XET256 device map.
The range between 0x10_0000 and 0x13_FFFF is mapped to EEPROM resources. The actual EEPROM
and dataflash block sizes are listed in Table 1-4. Within EEPROM resource range an address range exists
which is neither used by EEPROM resources nor remapped to external resources via chip selects (see the
FTM/MMC descriptions for details). These ranges do not constitute unimplemented areas.
Accessing reserved registers within the 2K register space does not generate an illegal address reset.
The fixed 8K RAM default location in the global map is 0x0F_E000- 0x0F_FFFF. This is subject to
remapping when configuring the local address map for a larger RAM access range.
Mask Set Number
Part ID
RAM_LOW
EE_LOW
Flash Blocks
Registers
xM22E
$CC8x
0x0F_0000
0x13_F000
B3, B2, B1S, B1N, B0
2K
xM48H
$CC9x
0x0F_0000
0x13_F000
B3, B2, B1S, B1N, B0
2K
xM25J
$C48x
0x0F_8000
0x13_F000
B1N, B1S, B0
2K
xM53J
$C08x
0x0F_C000
0x13_F000
B1S, B0(128K)
2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com