công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 62 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 58Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 59Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 60Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 61Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 62Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 63Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 64Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 65Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
62
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.2.3
Detailed Signal Descriptions
NOTE
The pin list of the largest package version of each MC9S12XE-Family
derivative gives the complete of interface signals that also exist on smaller
package options, although some of them are not bonded out. For devices
assembled in smaller packages all non-bonded out pins should be
configured as outputs after reset in order to avoid current drawn from
floating inputs. Refer to Table 1-10 for affected pins. Particular attention is
drawn to Port R, which does not have enabled pull-up/pull-down devices
coming out of reset.
1.2.3.1
EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the oscillator output.
1.2.3.2
RESET — External Reset Pin
The RESET pin is an active low bidirectional control signal. It acts as an input to initialize the MCU to a
known start-up state. As an output it is driven low to indicate when any internal MCU reset source triggers.
The RESET pin has an internal pull-up device.
1.2.3.3
TEST — Test Pin
This input only pin is reserved for test. This pin has a pull-down device.
NOTE
The TEST pin must be tied to VSS in all applications.
1.2.3.4
BKGD / MODC — Background Debug and Mode Pin
The BKGD/MODC pin is used as a pseudo-open-drain pin for the background debug communication. It
is used as a MCU operating mode select pin during reset. The state of this pin is latched to the MODC bit
at the rising edge of RESET. The BKGD pin has a pull-up device.
1.2.3.5
PAD[15:0] / AN[15:0] — Port AD Input Pins of ATD0
PAD[15:0] are general-purpose input or output pins and analog inputs AN[15:0] of the analog-to-digital
converter ATD0.
1.2.3.6
PAD[31:16] / AN[31:16] — Port AD Input Pins of ATD1
PAD[31:16] are general-purpose input or output pins and analog inputs AN[31:16] of the analog-to-digital
converter ATD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com