công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 29 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 25Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 26Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 27Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 28Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 29Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
29
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
— No external components required
— Configurable option to spread spectrum for reduced EMC radiation (frequency modulation)
•
CRG (clock and reset generation)
— COP watchdog
— Real time interrupt
— Clock monitor
— Fast wake up from STOP in self clock mode
•
Memory Options
— 128K, 256k, 384K, 512K, 768K and 1M byte Flash
— 2K, 4K byte emulated EEPROM
— 12K, 16K, 24K, 32K, 48K and 64K Byte RAM
•
Flash General Features
— 64 data bits plus 8 syndrome ECC (Error Correction Code) bits allow single bit failure
correction and double fault detection
— Erase sector size 1024 bytes
— Automated program and erase algorithm
•
D-Flash Features
— Up to 32 Kbytes of D-Flash memory with 256 byte sectors for user access.
— Dedicated commands to control access to the D-Flash memory over EEE operation.
— Single bit fault correction and double bit fault detection within a word during read operations.
— Automated program and erase algorithm with verify and generation of ECC parity bits.
— Fast sector erase and word program operation.
— Ability to program up to four words in a burst sequence
•
Emulated EEPROM Features
— Automatic EEE file handling using an internal Memory Controller.
— Automatic transfer of valid EEE data from D-Flash memory to buffer RAM on reset.
— Ability to monitor the number of outstanding EEE related buffer RAM words left to be
programmed into D-Flash memory.
— Ability to disable EEE operation and allow priority access to the D-Flash memory.
— Ability to cancel all pending EEE operations and allow priority access to the D-Flash memory.
•
Two 16-channel, 12-bit Analog-to-Digital Converters
— 8/10/12 Bit resolution
—3
µs, 10-bit single conversion time
— Left/right, signed/unsigned result data
— External and internal conversion trigger capability
— Internal oscillator for conversion in Stop modes
— Wake from low power modes on analog comparison > or <= match
•
Five MSCAN (1 M bit per second, CAN 2.0 A, B software compatible modules)
— Five receive and three transmit buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com