công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 34 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 37Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
34
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
NOTE
Reserved register space shown in Table 1-1 is not allocated to any module.
This register space is reserved for future use. Writing to these locations have
no effect. Read access to these locations returns zero.
1.1.5
Address Mapping
Figure 1-2 shows S12XE CPU & BDM local address translation to the global memory map. It indicates
also the location of the internal resources in the memory map.
EEEPROM size is presented like a fixed 256 KByte in the memory map.
0x0200–0x023F
CAN3
64
0x0240–0x027F
PIM (port integration module)
64
0x0280–0x02BF
CAN4
64
0x02C0–0x02EF
ATD0 (analog-to-digital converter 12 bit 16-channel)
48
0x02F0–0x02F7
Voltage regulator
8
0x02F8–0x02FF
Reserved
8
0x0300–0x0327
PWM (pulse-width modulator 8 channels)
40
0x0328–0x032F
Reserved
8
0x0330–0x0337
SCI6 (serial communications interface)
8
0x0338–0x033F
SCI7 (serial communications interface)
8
0x0340–0x0367
PIT (periodic interrupt timer)
40
0x0368–0x037F
PIM (port integration module)
24
0x0380–0x03BF
XGATE
64
0x03C0–0x03CF
Reserved
16
0x03D0–0x03FF
TIM (timer module)
48
0x0400–0x07FF
Reserved
1024
Table 1-1. Device Register Memory Map (continued)
Address
Module
Size
(Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com