công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 78Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 79Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 80Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 83Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 84Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 85Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
82
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Vector base + $BE
$5F
SPI1
I bit
SPI1CR1 (SPIE,
SPTIE)
No
Yes
Vector base + $BC
$5E
SPI2
I bit
SPI2CR1 (SPIE,
SPTIE)
No
Yes
Vector base + $BA
$5D
FLASH Fault Detect
I bit
FCNFG2 (FDIE)
No
No
Vector base + $B8
$5C
FLASH
I bit
FCNFG (CCIE, CBEIE)
No
Yes
Vector base + $B6
$5B
CAN0 wake-up
I bit
CAN0RIER (WUPIE)
Yes
Yes
Vector base + $B4
$5A
CAN0 errors
I bit
CAN0RIER (CSCIE,
OVRIE)
No
Yes
Vector base + $B2
$59
CAN0 receive
I bit
CAN0RIER (RXFIE)
No
Yes
Vector base + $B0
$58
CAN0 transmit
I bit
CAN0TIER
(TXEIE[2:0])
No
Yes
Vector base + $AE
$57
CAN1 wake-up
I bit
CAN1RIER (WUPIE)
Yes
Yes
Vector base + $AC
$56
CAN1 errors
I bit
CAN1RIER (CSCIE,
OVRIE)
No
Yes
Vector base + $AA
$55
CAN1 receive
I bit
CAN1RIER (RXFIE)
No
Yes
Vector base + $A8
$54
CAN1 transmit
I bit
CAN1TIER
(TXEIE[2:0])
No
Yes
Vector base + $A6
$53
CAN2 wake-up
I bit
CAN2RIER (WUPIE)
Yes
Yes
Vector base + $A4
$52
CAN2 errors
I bit
CAN2RIER
(CSCIE, OVRIE)
No
Yes
Vector base + $A2
$51
CAN2 receive
I bit
CAN2RIER (RXFIE)
No
Yes
Vector base + $A0
$50
CAN2 transmit
I bit
CAN2TIER
(TXEIE[2:0])
No
Yes
Vector base + $9E
$4F
CAN3 wake-up
I bit
CAN3RIER (WUPIE)
Yes
Yes
Vector base+ $9C
$4E
CAN3 errors
I bit
CAN3RIER (CSCIE,
OVRIE)
No
Yes
Vector base+ $9A
$4D
CAN3 receive
I bit
CAN3RIER (RXFIE)
No
Yes
Vector base + $98
$4C
CAN3 transmit
I bit
CAN3TIER
(TXEIE[2:0])
No
Yes
Vector base + $96
$4B
CAN4 wake-up
I bit
CAN4RIER (WUPIE)
Yes
Yes
Vector base + $94
$4A
CAN4 errors
I bit
CAN4RIER (CSCIE,
OVRIE)
No
Yes
Vector base + $92
$49
CAN4 receive
I bit
CAN4RIER (RXFIE)
No
Yes
Vector base + $90
$48
CAN4 transmit
I bit
CAN4TIER
(TXEIE[2:0])
No
Yes
Vector base + $8E
$47
Port P Interrupt
I bit
PIEP (PIEP7-PIEP0)
Yes
Yes
Vector base+ $8C
$46
PWM emergency shutdown
I bit
PWMSDN (PWMIE)
No
Yes
Table 1-14. Interrupt Vector Locations (Sheet 2 of 4)
Vector Address(1)
XGATE
Channel
ID(2)
Interrupt Source
CCR
Mask
Local Enable
STOP
Wake up
WAIT
Wake up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com