công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 32 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 28Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 29Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.21
32
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.1.3
Block Diagram
Figure 1-1 shows a block diagram of the MC9S12XE-Family devices
Figure 1-1.
MC9S12XE-Family Block Diagram
12K … 64K bytes RAM
RESET
EXTAL
XTAL
2K … 4K bytes EEPROM
BKGD
VDDR
Periodic Interrupt
Clock Monitor
Single-wire Background
TEST
Voltage Regulator
Debug Module
VDD
ATD0
Enhanced Multilevel
Interrupt Module
IOC[7:0]
PT[7:0]
SCI0
MISO
MOSI
PS3
PS0
PS1
PS2
SCK
SS
SPI0
AN[15:0]
PAD[15:0]
VDDPLL
16-bit 8 channel
PR[7:0]
8/10/12-bit 16-channel
Analog-Digital Converter
Enhanced Capture Timer
ECT
IOC[7:0]
16-bit 8 channel
Timer
TIM
ATD1
AN[15:0]
PAD[31:16]
8/10/12-bit 16-channel
Analog-Digital Converter
Asynchronous Serial IF
PP[7:0]
PWM[7:0]
8-bit 8 channel
Pulse Width Modulator
PWM
PIT
PD[7:0]
PC[7:0]
DATA[15:8]
DATA[7:0]
PB[7:0]
ADDR[7:0]
PA[7:0]
ADDR[15:8]
PK[7:0]
ADDR[22:16]
EWAIT
XIRQ
XCLKS/ECLKX2
IRQ
ECLK
PE4
PE3
PE2
PE1
PE0
PE7
PE6
PE5
RW/WE
LSTRB/LDS
MODA/TAGLO/RE
MODB/TAGHI
VDDF
128K … 1M bytes Flash
CPU12X
Amplitude Controlled
Low Power Pierce or
Full drive Pierce
Oscillator
COP Watchdog
IPLL with Frequency
Modulation option
Debug Module
4 address breakpoints
2 data breakpoints
512 Byte Trace Buffer
Reset Generation
and Test Entry
RXD
TXD
SCI1
Asynchronous Serial IF
RXD
TXD
PS7
PS4
PS5
PS6
MISO
MOSI
PH3
PH0
PH1
PH2
SCK
SS
SPI2
PH7
PH4
PH5
PH6
MISO
MOSI
SCK
SS
SPI1
CAN0
PM3
PM0
PM1
PM2
msCAN 2.0B
RXCAN
TXCAN
CAN1
msCAN 2.0B
RXCAN
TXCAN
PM7
PM4
PM5
PM6
CAN2
msCAN 2.0B
RXCAN
TXCAN
CAN3
msCAN 2.0B
RXCAN
TXCAN
SCI4
PL3
PL0
PL1
PL2
Asynchronous Serial IF
RXD
TXD
SCI5
Asynchronous Serial IF
RXD
TXD
PL7
PL4
PL5
PL6
SCI6
Asynchronous Serial IF
RXD
TXD
SCI7
Asynchronous Serial IF
RXD
TXD
SCI2
PJ3
PJ0
PJ1
PJ2
Asynchronous Serial IF
RXD
TXD
PJ7
PJ4
PJ5
PJ6
IIC1
Inter IC Module
SDA
SCL
CAN4
msCAN 2.0B
RXCAN
TXCAN
PF3
PF0
PF1
PF2
CS0
CS1
PF7
PF4
PF5
PF6
IIC0
Inter IC Module
SDA
SCL
SCI3
Asynchronous Serial IF
RXD
TXD
CS2
CS3
Synchronous Serial IF
Synchronous Serial IF
Synchronous Serial IF
Async. Periodic Int.
8ch 16-bit Timer
Memory Protection
MPU
8 regions
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com