công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 184 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 182Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 183Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 184Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 185Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 186Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 187Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
184
Freescale Semiconductor
Port J pin PJ[3] can be used for general purpose I/O.
Port J pin PJ[2] can be used for either general purpose I/O or as chip select output.
Port J pin PJ[1] can be used for either general purpose I/O, or with the SCI2 subsystem.
Port J pin PJ[0] can be used for either general purpose I/O, or with the SCI2 subsystem or as chip select
output.
2.4.3.12
Port AD0
This port is associated with the ATD0.
Port AD0 pins PAD[15:0] can be used for either general purpose I/O, or with the ATD0 subsystem.
2.4.3.13
Port AD1
This port is associated with the ATD1.
Port AD1 pins PAD[31:16] can be used for either general purpose I/O, or with the ATD1 subsystem.
2.4.3.14
Port R
This port is associated with the TIM module.
Port R pins PR[7:0] can be used for either general-purpose I/O, or with the channels of the standard Timer.
The TIM channels can be re-routed.
2.4.3.15
Port L
This port is associated with SCI7-4.
Port L pins PL[7:6] can be used for either general purpose I/O, or with SCI7 subsystem.
Port L pins PL[5:4] can be used for either general purpose I/O, or with SCI6 subsystem.
Port L pins PL[3:2] can be used for either general purpose I/O, or with SCI5 subsystem.
Port L pins PL[1:0] can be used for either general purpose I/O, or with SCI4 subsystem.
2.4.3.16
Port F
This port is associated with SCI3, IIC0 and chip selects.
Port L pins PL[7:6] can be used for either general purpose I/O, or with SCI3 subsystem.
Port L pins PL[5:4] can be used for either general purpose I/O, or with IIC0 subsystem.
Port L pins PL[3:0] can be used for either general purpose I/O, or with chip selects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com