công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 183 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 179Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 182Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 183Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 184Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 185Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 186Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
183
The SPI0 pins can be re-routed.
2.4.3.8
Port M
This port is associated with the SCI3 CAN4-0 and SPI0.
Port M pins PM[7:6] can be used for either general purpose I/O, or with the CAN3 subsystem.
Port M pins PM[5:4] can be used for either general purpose I/O, or with the CAN2 subsystem.
Port M pins PM[3:2] can be used for either general purpose I/O, or with the CAN1 subsystem.
Port M pins PM[1:0] can be used for either general purpose I/O, or with the CAN0 subsystem.
Port M pins PM[5:2] can be used for either general purpose I/O, or with the SPI0 subsystem.
The CAN0, CAN4 and SPI0 pins can be re-routed.
2.4.3.9
Port P
This port is associated with the PWM, SPI1, SPI2 and TIM.
Port P pins PP[7:0] can be used for either general purpose I/O, or with the PWM or with the channels of
the standard Timer.subsystem.
Port P pins PP[7:4] can be used for either general purpose I/O, or with the SPI2 subsystem.
Port P pins PP[3:0] can be used for either general purpose I/O, or with the SPI1 subsystem.
2.4.3.10
Port H
This port is associated with the SPI1, SPI2, and SCI7-4.
Port H pins PH[7:4] can be used for either general purpose I/O, or with the SPI2 subsystem.
Port H pins PH[3:0] can be used for either general purpose I/O, or with the SPI1 subsystem.
Port H pins PH[7:6] can be used for either general purpose I/O, or with the SCI5 subsystem.
Port H pins PH[5:4] can be used for either general purpose I/O, or with the SCI4 subsystem.
Port H pins PH[3:2] can be used for either general purpose I/O, or with the SCI7 subsystem.
Port H pins PH[1:0] can be used for either general purpose I/O, or with the SCI6 subsystem.
2.4.3.11
Port J
This port is associated with the chip selects CS[3:0] as well as with CAN4, CAN0, IIC1, IIC0, and SCI2.
Port J pins PJ[7:6] can be used for either general purpose I/O, or with the CAN4, IIC0 or CAN0
subsystems.
Port J pins PJ[5:4] can be used for either general purpose I/O, or with the IIC1 subsystem or as chip select
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com