công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 182 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 178Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 179Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 182Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 183Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 184Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 185Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
182
Freescale Semiconductor
Port E pin PE[6] can be used for either general-purpose I/O, as TAGHI input or as MODB input during
reset.
Port E pin PE[5] can be used for either general-purpose I/O, as TAGLO input, RE output or as MODA
input during reset.
Port E pin PE[4] can be used for either general-purpose I/O or as the free-running clock ECLK output
running at the Bus Clock rate or at the programmed divided clock rate. The clock output is always enabled
in emulation modes.
Port E pin PE[3] can be used for either general-purpose I/O, as LSTRB or LDS output, or as EROMCTL
input during reset.
Port E pin PE[2] can be used for either general-purpose I/O, or as RW or WE output.
Port E pin PE[1] can be used for either general-purpose input or as the level- or falling edge-sensitive IRQ
interrupt input. IRQ will be enabled by setting the IRQEN configuration bit (2.3.17/119) and clearing the
I-bit in the CPU condition code register. It is inhibited at reset so this pin is initially configured as a simple
input with a pull-up.
Port E pin PE[0] can be used for either general-purpose input or as the level-sensitive XIRQ interrupt input.
XIRQ can be enabled by clearing the X-bit in the CPU condition code register. It is inhibited at reset so
this pin is initially configured as a high-impedance input with a pull-up.
Port E pins PE[5] and PE[6] are configured for reduced input threshold in certain modes (refer to
S12X_EBI section).
2.4.3.5
Port K
Port K pins PK[7:0] can be used for either general-purpose I/O, or with the external bus interface. In this
case Port K pins PK[6:0] are associated with the external address bus outputs ADDR22-ADDR16 and PK7
is associated to the EWAIT input.
Port K pin PE[7] is configured for reduced input threshold in certain modes (refer to S12X_EBI section).
2.4.3.6
Port T
This port is associated with the ECT module.
Port T pins PT[7:0] can be used for either general-purpose I/O, or with the channels of the Enhanced
Capture Timer.
2.4.3.7
Port S
This port is associated with SCI0, SCI1 and SPI0.
Port S pins PS[7:4] can be used either for general-purpose I/O, or with the SPI0 subsystem.
Port S pins PS[3:2] can be used either for general-purpose I/O, or with the SCI1 subsystem.
Port S pins PS[1:0] can be used either for general-purpose I/O, or with the SCI0 subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com