công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 179 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 175Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 176Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 177Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 178Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 179Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 182Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
179
2.4.2.1
Data register (PORTx, PTx)
This register holds the value driven out to the pin if the pin is used as a general purpose I/O.
Writing to this register has only an effect on the pin if the pin is used as general purpose output. When
reading this address, the buffered state of the pin is returned if the associated data direction register bit is
set to “0”.
If the data direction register bits are set to logic level “1”, the contents of the data register is returned. This
is independent of any other configuration (Figure 2-107).
2.4.2.2
Input register (PTIx)
This is a read-only register and always returns the buffered state of the pin (Figure 2-107).
2.4.2.3
Data direction register (DDRx)
This register defines whether the pin is used as an input or an output.
If a peripheral module controls the pin the contents of the data direction register is ignored (Figure 2-107).
Table 2-103. Register availability per port(1)
1. Each cell represents one register with individual configuration bits
Port
Data
Input
Data
Direction
Reduced
Drive
Pull
Enable
Polarity
Select
Wired-
Or Mode
Interrupt
Enable
Interrupt
Flag
Routing
A
yes
-
yes
yes
yes
-----
B
yes
-
yes
-----
C
yes
-
yes
-----
D
yes
-
yes
-----
E
yes
-
yes
-----
K
yes
-
yes
-----
T
yes
yes
yes
yes
yes
yes
----
S
yes
yes
yes
yes
yes
yes
yes
-
-
yes
M
yes
yes
yes
yes
yes
yes
yes
-
-
yes
P
yes
yes
yes
yes
yes
yes
-
yes
yes
-
H
yes
yes
yes
yes
yes
yes
-
yes
yes
-
J
yes
yes
yes
yes
yes
yes
-
yes
yes
-
AD0
yes
-
yes
yes
yes
-----
AD1
yes
-
yes
yes
yes
-----
R
yes
yes
yes
yes
yes
yes
----
L
yes
yes
yes
yes
yes
yes
yes
-
-
yes
F
yes
yes
yes
yes
yes
yes
-
-
-
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com