công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 177 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 173Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 174Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 175Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 176Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 177Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 178Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 179Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 180Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
177
2.3.106 Port F Polarity Select Register (PPSF)
2.3.107 PIM Reserved Register
2.3.108 Port F Routing Register (PTFRR)
Address 0x037D
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PPSF7
PPSF6
PPSF5
PPSF4
PPSF3
PPSF2
PPSF1
PPSF0
W
Reset
00000000
Figure 2-104. Port F Polarity Select Register (PPSF)
Table 2-101. PPSF Register Field Descriptions
Field
Description
7-0
PPSF
Port F pull device select—Determine pull device polarity on input pins
This register selects whether a pull-down or a pull-up device is connected to the pin.
1 A pull-down device is connected to the associated pin, if enabled and if the pin is used as input.
0 A pull-up device is connected to the associated pin, if enabled and if the pin is used as input.
Address 0x037E
Access: User read(1)
1. Read: Always reads 0x00
Write: Unimplemented
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-105. PIM Reserved Register
Address 0x037F
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R0
0
PTFRR5
PTFRR4
PTFRR3
PTFRR2
PTFRR1
PTFRR0
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-106. Port F Routing Register (PTFRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com