công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 494 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 494 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 491Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 492Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 493Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 495Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 496Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 497Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 498Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
494
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
The internal reset of the MCU remains asserted while the reset generator completes the 192 SYSCLK long
reset sequence. In case the RESET pin is externally driven low for more than these 192 SYSCLK cycles
(External Reset), the internal reset remains asserted longer.
Figure 11-21. RESET Timing
11.5.1.1
Clock Monitor Reset
The S12XECRG generates a Clock Monitor Reset in case all of the following conditions are true:
•
Clock monitor is enabled (CME = 1)
•
Loss of clock is detected
•
Self-Clock Mode is disabled (SCME = 0).
The reset event asynchronously forces the configuration registers to their default settings. In detail the
CME and the SCME are reset to logical ‘1’ (which changes the state of the SCME bit. As a consequence
the S12XECRG immediately enters Self Clock Mode and starts its internal reset sequence. In parallel the
clock quality check starts. As soon as clock quality check indicates a valid Oscillator Clock the
S12XECRG switches to OSCCLK and leaves Self Clock Mode. Since the clock quality checker is running
in parallel to the reset generator, the S12XECRG may leave Self Clock Mode while still completing the
internal reset sequence.
11.5.1.2
Computer Operating Properly Watchdog (COP) Reset
When COP is enabled, the S12XECRG expects sequential write of $55 and $AA (in this order) to the
ARMCOP register during the selected time-out period. Once this is done, the COP time-out period restarts.
If the program fails to do this the S12XECRG will generate a reset.
11.5.1.3
Power On Reset, Low Voltage Reset
The on-chip voltage regulator detects when VDD to the MCU has reached a certain level and asserts power
on reset or low voltage reset or both. As soon as a power on reset or low voltage reset is triggered the
) (
) (
)
(
)
SYSCLK
128+n cycles
64 cycles
with n being
min 3 / max 6
cycles depending
on internal
synchronization
delay
ICRG drives RESET pin low
possibly
SYSCLK
not
running
possibly
RESET
driven low
externally
)
(
(
RESET
RESET pin
released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com