công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 496 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 492Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 493Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 495Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 496Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 497Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 498Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 499Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
496
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.6.1
Description of Interrupt Operation
11.6.1.1
Real Time Interrupt
The S12XECRG generates a real time interrupt when the selected interrupt time period elapses. RTI
interrupts are locally disabled by setting the RTIE bit to zero. The real time interrupt flag (RTIF) is set to1
when a timeout occurs, and is cleared to 0 by writing a 1 to the RTIF bit.
The RTI continues to run during Pseudo Stop Mode if the PRE bit is set to 1. This feature can be used for
periodic wakeup from Pseudo Stop if the RTI interrupt is enabled.
11.6.1.2
IPLL Lock Interrupt
The S12XECRG generates a IPLL Lock interrupt when the LOCK condition of the IPLL has changed,
either from a locked state to an unlocked state or vice versa. Lock interrupts are locally disabled by setting
the LOCKIE bit to zero. The IPLL Lock interrupt flag (LOCKIF) is set to1 when the LOCK condition has
changed, and is cleared to 0 by writing a 1 to the LOCKIF bit.
11.6.1.3
Self Clock Mode Interrupt
The S12XECRG generates a Self Clock Mode interrupt when the SCM condition of the system has
changed, either entered or exited Self Clock Mode. SCM conditions are caused by a failing clock quality
check after power on reset (POR) or low voltage reset (LVR) or recovery from Full Stop Mode (PSTP =
0) or Clock Monitor failure. For details on the clock quality check refer to Section 11.4.1.4, “Clock Quality
Checker”. If the clock monitor is enabled (CME = 1) a loss of external clock will also cause a SCM
condition (SCME = 1).
SCM interrupts are locally disabled by setting the SCMIE bit to zero. The SCM interrupt flag (SCMIF) is
set to1 when the SCM condition has changed, and is cleared to 0 by writing a 1 to the SCMIF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com