công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 498 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 498 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 495Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 496Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 497Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 498Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 499Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 500Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 501Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 502Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 1324 page
background image
Chapter 12 Pierce Oscillator (S12XOSCLCPV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
498
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
12.1.3
Block Diagram
Figure 12-1 shows a block diagram of the XOSC.
Figure 12-1. XOSC Block Diagram
12.2
External Signal Description
This section lists and describes the signals that connect off chip
12.2.1
VDDPLL and VSSPLL — Operating and Ground Voltage Pins
Theses pins provides operating voltage (VDDPLL) and ground (VSSPLL) for the XOSC circuitry. This
allows the supply voltage to the XOSC to use an independent bypass capacitor.
12.2.2
EXTAL and XTAL — Input and Output Pins
These pins provide the interface for either a crystal or a 1.8V CMOS compatible clock to control the
internal clock generator circuitry. EXTAL is the external clock input or the input to the crystal oscillator
amplifier. XTAL is the output of the crystal oscillator amplifier. The MCU internal system clock is derived
EXTAL
XTAL
Gain Control
VDDPLL = 1.8 V
Rf
OSCCLK
Monitor_Failure
Clock
Monitor
Peak
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com