công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 493 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 491Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 492Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 493Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 495Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 496Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
493
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.5.1
Description of Reset Operation
The reset sequence is initiated by any of the following events:
•
Low level is detected at the RESET pin (External Reset).
•
Power on is detected.
•
Low voltage is detected.
•
Illegal Address Reset is detected (see S12XMMC Block Guide for details).
•
COP watchdog times out.
•
Clock monitor failure is detected and Self-Clock Mode was disabled (SCME=0).
Upon detection of any reset event, an internal circuit drives the RESET pin low for 128 SYSCLK cycles
(see Figure 11-21). Since entry into reset is asynchronous it does not require a running SYSCLK.
However, the internal reset circuit of the S12XECRG cannot sequence out of current reset condition
without a running SYSCLK. The number of 128 SYSCLK cycles might be increased by n = 3 to 6
additional SYSCLK cycles depending on the internal synchronization latency. After 128+n SYSCLK
cycles the RESET pin is released. The reset generator of the S12XECRG waits for additional 64 SYSCLK
cycles and then samples the RESET pin to determine the originating source. Table 11-17 shows which
vector will be fetched.
NOTE
External circuitry connected to the RESET pin should not include a large
capacitance that would interfere with the ability of this signal to rise to a
valid logic one within 64 SYSCLK cycles after the low drive is released.
COP Watchdog Reset
COPCTL (CR[2:0] nonzero)
Table 11-17. Reset Vector Selection
Sampled RESET Pin
(64 cycles after release)
Clock Monitor
Reset Pending
COP
Reset Pending
Vector Fetch
1
0
0
POR / LVR /
Illegal Address Reset/
External Reset
1
1
X
Clock Monitor Reset
1
0
1
COP Reset
0
X
X
POR / LVR /
Illegal Address Reset/ External Reset
with rise of RESET pin
Table 11-16. Reset Summary
Reset Source
Local Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com