công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 490 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 490 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 486Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 491Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 492Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 493Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
490
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
NOTE
In order to detect a potential clock loss the CME bit should always be
enabled (CME = 1).
If CME bit is disabled and the MCU is configured to run on PLLCLK, a loss
of external clock (OSCCLK) will not be detected and will cause the system
clock to drift towards lower frequencies. As soon as the external clock is
available again the system clock ramps up to its IPLL target frequency. If
the MCU is running on external clock any loss of clock will cause the
system to go static.
11.4.3
Low Power Options
This section summarizes the low power options available in the S12XECRG.
11.4.3.1
Run Mode
This is the default mode after reset.
The RTI can be stopped by setting the associated rate select bits to zero.
The COP can be stopped by setting the associated rate select bits to zero.
11.4.3.2
Wait Mode
The WAI instruction puts the MCU in a low power consumption stand-by mode depending on setting of
the individual bits in the CLKSEL register. All individual Wait Mode configuration bits can be superposed.
This provides enhanced granularity in reducing the level of power consumption during Wait Mode.
Table 11-15 lists the individual configuration bits and the parts of the MCU that are affected in Wait Mode.
After executing the WAI instruction the core requests the S12XECRG to switch MCU into Wait Mode.
The S12XECRG then checks whether the PLLWAI bit is asserted. Depending on the configuration the
S12XECRG switches the system and core clocks to OSCCLK by clearing the PLLSEL bit and disables
the IPLL.
There are two ways to restart the MCU from Wait Mode:
1. Any reset
2. Any interrupt
Table 11-15. MCU Configuration During Wait Mode
PLLWAI
RTIWAI
COPWAI
IPLL
Stopped
—
—
RTI
—
Stopped
—
COP
—
—
Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com