công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 486 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 485Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 486Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
486
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.4.1.2
System Clocks Generator
Figure 11-16. System Clocks Generator
The clock generator creates the clocks used in the MCU (see Figure 11-16). The gating condition placed
on top of the individual clock gates indicates the dependencies of different modes (STOP, WAIT) and the
setting of the respective configuration bits.
The peripheral modules use the Bus Clock. Some peripheral modules also use the Oscillator Clock. If the
MCU enters Self Clock Mode (see Section 11.4.2.2, “Self Clock Mode”) Oscillator clock source is
switched to PLLCLK running at its minimum frequency fSCM. The Bus Clock is used to generate the clock
visible at the ECLK pin. The Core Clock signal is the clock for the CPU. The Core Clock is twice the Bus
Clock. But note that a CPU cycle corresponds to one Bus Clock.
IPLL clock mode is selected with PLLSEL bit in the CLKSEL register. When selected, the IPLL output
clock drives SYSCLK for the main system including the CPU and peripherals. The IPLL cannot be turned
off by clearing the PLLON bit, if the IPLL clock is selected. When PLLSEL is changed, it takes a
maximum of 4 OSCCLK plus 4 PLLCLK cycles to make the transition. During the transition, all clocks
freeze and CPU activity ceases.
OSCILLATOR
PHASE
LOCK
LOOP (IIPLL)
EXTAL
XTAL
SYSCLK
RTI
OSCCLK
PLLCLK
CLOCK PHASE
GENERATOR
Bus Clock
Clock
Monitor
1
0
PLLSEL or SCM
÷2
Core Clock
COP
Oscillator
= Clock Gate
Gating
Condition
WAIT(RTIWAI),
STOP(PSTP, PRE),
RTI ENABLE
WAIT(COPWAI),
STOP(PSTP, PCE),
COP ENABLE
STOP
1
0
SCM
Clock
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com