công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 484 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 485Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 486Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
484
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.4
Functional Description
11.4.1
Functional Blocks
11.4.1.1
Phase Locked Loop with Internal Filter (IPLL)
The IPLL is used to run the MCU from a different time base than the incoming OSCCLK. Figure 11-15
shows a block diagram of the IPLL.
Figure 11-15. IPLL Functional Diagram
For increased flexibility, OSCCLK can be divided in a range of 1 to 64 to generate the reference frequency
REFCLK using the REFDIV[5:0] bits. This offers a finer multiplication granularity. Based on the
SYNDIV[5:0] bits the IPLL generates the VCOCLK by multiplying the reference clock by a multiple of
2, 4, 6,... 126, 128. Based on the POSTDIV[4:0] bits the VCOCLK can be divided in a range of 1,2,4,6,8,...
to 62 to generate the PLLCLK.
.
NOTE
Although it is possible to set the dividers to command a very high clock
frequency, do not exceed the specified bus frequency limit for the MCU.
If (PLLSEL = 1) then fBUS = fPLL / 2.
IF POSTDIV = $00 the fPLL is identical to fVCO (divide by one)
Several examples of IPLL divider settings are shown in Table 11-14. Shaded rows indicated that these
settings are not recommended. The following rules help to achieve optimum stability and shortest lock
time:
•
Use lowest possible fVCO / fREF ratio (SYNDIV value).
•
Use highest possible REFCLK frequency fREF.
REDUCED
CONSUMPTION
OSCILLATOR
EXTAL
XTAL
OSCCLK
PLLCLK
REFERENCE
PROGRAMMABLE
DIVIDER
PDET
PHASE
DETECTOR
REFDIV[5:0]
LOOP
PROGRAMMABLE
DIVIDER
SYNDIV[5:0]
VCO
LOCK
UP
DOWN
LOCK
DETECTOR
REFCLK
FBCLK
VDDPLL/VSSPLL
CLOCK
MONITOR
VDDPLL/VSSPLL
VDD/VSS
Supplied by:
CPUMP
AND
FILTER
POST
PROGRAMMABLE
DIVIDER
POSTDIV[4:0]
VCOCLK
fPLL 2fOSC
SYNDIV 1
+
REFDIV 1
+
[] 2 POSTDIV
×
[]
------------------------------------------------------------------------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com