công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 480 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 480 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
480
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2.9
S12XECRG COP Control Register (COPCTL)
This register controls the COP (Computer Operating Properly) watchdog.
Read: Anytime
Write:
1. RSBCK: anytime in special modes; write to “1” but not to “0” in all other modes
2. WCOP, CR2, CR1, CR0:
— Anytime in special modes
— Write once in all other modes
– Writing CR[2:0] to “000” has no effect, but counts for the “write once” condition.
– Writing WCOP to “0” has no effect, but counts for the “write once” condition.
0110 (
÷7)
7x103
14x103
35x103
70x103
140x103
350x103
700x103
1.4x106
0111 (
÷8)
8x103
16x103
40x103
80x103
160x103
400x103
800x103
1.6x106
1000 (
÷9)
9x103
18x103
45x103
90x103
180x103
450x103
900x103
1.8x106
1001 (
÷10)
10 x103
20x103
50x103
100x103
200x103
500x103
1x106
2x106
1010 (
÷11)
11 x103
22x103
55x103
110x103
220x103
550x103
1.1x106
2.2x106
1011 (
÷12)
12x103
24x103
60x103
120x103
240x103
600x103
1.2x106
2.4x106
1100 (
÷13)
13x103
26x103
65x103
130x103
260x103
650x103
1.3x106
2.6x106
1101 (
÷14)
14x103
28x103
70x103
140x103
280x103
700x103
1.4x106
2.8x106
1110 (
÷15)
15x103
30x103
75x103
150x103
300x103
750x103
1.5x106
3x106
1111 (
÷16)
16x103
32x103
80x103
160x103
320x103
800x103
1.6x106
3.2x106
Module Base + 0x0008
76543210
R
WCOP
RSBCK
000
CR2
CR1
CR0
W
WRTMASK
Reset1
00000000
1. Refer to Device User Guide (Section: S12XECRG) for reset values of WCOP, CR2, CR1 and CR0.
= Unimplemented or Reserved
Figure 11-11. S12XECRG COP Control Register (COPCTL)
Table 11-11. RTI Frequency Divide Rates for RTDEC=1
RTR[3:0]
RTR[6:4] =
000
(1x103)
001
(2x103)
010
(5x103)
011
(10x103)
100
(20x103)
101
(50x103)
110
(100x103)
111
(200x103)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com