công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 476 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 476 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 472Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 473Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
476
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2.7
S12XECRG IPLL Control Register (PLLCTL)
This register controls the IPLL functionality.
Table 11-6. CLKSEL Field Descriptions
Field
Description
7
PLLSEL
PLL Select Bit
Write: Anytime.
Writing a one when LOCK=0 has no effect. This prevents the selection of an unstable PLLCLK as SYSCLK.
PLLSEL bit is cleared when the MCU enters Self Clock Mode, Stop Mode or Wait Mode with PLLWAI bit set.
It is recommended to read back the PLLSEL bit to make sure PLLCLK has really been selected as
SYSCLK, as LOCK status bit could theoretically change at the very moment writing the PLLSEL bit.
0 System clocks are derived from OSCCLK (fBUS = fOSC / 2).
1 System clocks are derived from PLLCLK (fBUS = fPLL / 2).
6
PSTP
Pseudo Stop Bit
Write: Anytime
This bit controls the functionality of the oscillator during Stop Mode.
0 Oscillator is disabled in Stop Mode.
1 Oscillator continues to run in Stop Mode (Pseudo Stop).
Note: Pseudo Stop Mode allows for faster STOP recovery and reduces the mechanical stress and aging of the
resonator in case of frequent STOP conditions at the expense of a slightly increased power consumption.
5
XCLKS
Oscillator Configuration Status Bit — This read-only bit shows the oscillator configuration status.
0 Loop controlled Pierce Oscillator is selected.
1 External clock / full swing Pierce Oscillator is selected.
3
PLLWAI
PLL Stops in Wait Mode Bit
Write: Anytime
If PLLWAI is set, the S12XECRG will clear the PLLSEL bit before entering Wait Mode. The PLLON bit remains
set during Wait Mode but the IPLL is powered down. Upon exiting Wait Mode, the PLLSEL bit has to be set
manually if PLL clock is required.
0 IPLL keeps running in Wait Mode.
1 IPLL stops in Wait Mode.
1
RTIWAI
RTI Stops in Wait Mode Bit
Write: Anytime
0 RTI keeps running in Wait Mode.
1 RTI stops and initializes the RTI dividers whenever the part goes into Wait Mode.
0
COPWAI
COP Stops in Wait Mode Bit
Normal modes: Write once
Special modes: Write anytime
0 COP keeps running in Wait Mode.
1 COP stops and initializes the COP counter whenever the part goes into Wait Mode.
Module Base + 0x0006
76543210
R
CME
PLLON
FM1
FM0
FSTWKP
PRE
PCE
SCME
W
Reset
1
1
0
00001
Figure 11-9. S12XECRG IPLL Control Register (PLLCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com