công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 477 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 473Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
477
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Read: Anytime
Write: Refer to each bit for individual write conditions
Table 11-7. PLLCTL Field Descriptions
Field
Description
7
CME
Clock Monitor Enable Bit — CME enables the clock monitor. Write anytime except when SCM = 1.
0 Clock monitor is disabled.
1 Clock monitor is enabled. Slow or stopped clocks will cause a clock monitor reset sequence or Self Clock
Mode.
Note: Operating with CME=0 will not detect any loss of clock. In case of poor clock quality this could cause
unpredictable operation of the MCU!
In Stop Mode (PSTP=0) the clock monitor is disabled independently of the CME bit setting and any loss
of external clock will not be detected.
Also after wake-up from stop mode (PSTP = 0) with fast wake-up enabled (FSTWKP = 1) the clock monitor
is disabled independently of the CME bit setting and any loss of external clock will not be detected.
6
PLLON
Phase Lock Loop On Bit — PLLON turns on the IPLL circuitry. In Self Clock Mode, the IPLL is turned on, but
the PLLON bit reads the last written value. Write anytime except when PLLSEL = 1.
0 IPLL is turned off.
1 IPLL is turned on.
5, 4
FM1, FM0
IPLL Frequency Modulation Enable Bit — FM1 and FM0 enable additional frequency modulation on the
VCOCLK. This is to reduce noise emission. The modulation frequency is fref divided by 16. Write anytime except
when PLLSEL = 1. See Table 11-8 for coding.
3
FSTWKP
Fast Wake-up from Full Stop Bit — FSTWKP enables fast wake-up from full stop mode. Write anytime. If Self-
Clock Mode is disabled (SCME = 0) this bit has no effect.
0 Fast wake-up from full stop mode is disabled.
1 Fast wake-up from full stop mode is enabled. When waking up from full stop mode the system will immediately
resume operation in Self-Clock Mode (see Section 11.4.1.4, “Clock Quality Checker”). The SCMIF flag will not
be set. The system will remain in Self-Clock Mode with oscillator and clock monitor disabled until FSTWKP bit
is cleared. The clearing of FSTWKP will start the oscillator, the clock monitor and the clock quality check. If
the clock quality check is successful, the S12XECRG will switch all system clocks to OSCCLK. The SCMIF
flag will be set. See application examples in Figure 11-19 and Figure 11-20.
2
PRE
RTI Enable During Pseudo Stop Bit — PRE enables the RTI during Pseudo Stop Mode.
Write anytime.
0 RTI stops running during Pseudo Stop Mode.
1 RTI continues running during Pseudo Stop Mode.
Note: If the PRE bit is cleared the RTI dividers will go static while Pseudo Stop Mode is active. The RTI dividers
will not initialize like in Wait Mode with RTIWAI bit set.
1
PCE
COP Enable During Pseudo Stop Bit — PCE enables the COP during Pseudo Stop Mode.
Write anytime.
0 COP stops running during Pseudo Stop Mode
1 COP continues running during Pseudo Stop Mode
Note: If the PCE bit is cleared the COP dividers will go static while Pseudo Stop Mode is active. The COP
dividers will not initialize like in Wait Mode with COPWAI bit set.
0
SCME
Self Clock Mode Enable Bit
Normal modes: Write once
Special modes: Write anytime
SCME can not be cleared while operating in Self Clock Mode (SCM = 1).
0 Detection of crystal clock failure causes clock monitor reset (see Section 11.5.1.1, “Clock Monitor Reset”).
1 Detection of crystal clock failure forces the MCU in Self Clock Mode (see Section 11.4.2.2, “Self Clock Mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com