công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 474 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 474 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 470Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 471Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 472Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 473Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
474
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2.5
S12XECRG Interrupt Enable Register (CRGINT)
This register enables S12XECRG interrupt requests.
Table 11-4. CRGFLG Field Descriptions
Field
Description
7
RTIF
Real Time Interrupt Flag — RTIF is set to 1 at the end of the RTI period. This flag can only be cleared by writing
a 1. Writing a 0 has no effect. If enabled (RTIE=1), RTIF causes an interrupt request.
0 RTI time-out has not yet occurred.
1 RTI time-out has occurred.
6
PORF
Power on Reset Flag — PORF is set to 1 when a power on reset occurs. This flag can only be cleared by writing
a 1. Writing a 0 has no effect.
0 Power on reset has not occurred.
1 Power on reset has occurred.
5
LVRF
Low Voltage Reset Flag — LVRF is set to 1 when a low voltage reset occurs. This flag can only be cleared by
writing a 1. Writing a 0 has no effect.
0 Low voltage reset has not occurred.
1 Low voltage reset has occurred.
4
LOCKIF
IPLL Lock Interrupt Flag — LOCKIF is set to 1 when LOCK status bit changes. This flag can only be cleared
by writing a 1. Writing a 0 has no effect.If enabled (LOCKIE=1), LOCKIF causes an interrupt request.
0 No change in LOCK bit.
1 LOCK bit has changed.
3
LOCK
Lock Status Bit — LOCK reflects the current state of IPLL lock condition. This bit is cleared in Self Clock Mode.
Writes have no effect.
0 VCOCLK is not within the desired tolerance of the target frequency.
1 VCOCLK is within the desired tolerance of the target frequency.
2
ILAF
Illegal Address Reset Flag — ILAF is set to 1 when an illegal address reset occurs. Refer to S12XMMC Block
Guide for details. This flag can only be cleared by writing a 1. Writing a 0 has no effect.
0 Illegal address reset has not occurred.
1 Illegal address reset has occurred.
1
SCMIF
Self Clock Mode Interrupt Flag — SCMIF is set to 1 when SCM status bit changes. This flag can only be
cleared by writing a 1. Writing a 0 has no effect. If enabled (SCMIE=1), SCMIF causes an interrupt request.
0 No change in SCM bit.
1 SCM bit has changed.
0
SCM
Self Clock Mode Status Bit — SCM reflects the current clocking mode. Writes have no effect.
0 MCU is operating normally with OSCCLK available.
1 MCU is operating in Self Clock Mode with OSCCLK in an unknown state. All clocks are derived from PLLCLK
running at its minimum frequency fSCM.
Module Base + 0x0004
76543210
R
RTIE
00
LOCKIE
00
SCMIE
0
W
Reset
0
0
0
00000
= Unimplemented or Reserved
Figure 11-7. S12XECRG Interrupt Enable Register (CRGINT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com