công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 472 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 472 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 468Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 469Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 470Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 471Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 472Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 473Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
472
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2.2
S12XECRG Reference Divider Register (REFDV)
The REFDV register provides a finer granularity for the IPLL multiplier steps.
Read: Anytime
Write: Anytime except when PLLSEL = 1
NOTE
Write to this register initializes the lock detector bit.
The REFFRQ[1:0] bit are used to configure the internal PLL filter for optimal stability and lock time. For
correct IPLL operation the REFFRQ[1:0] bits have to be selected according to the actual REFCLK
frequency as shown in Figure 11-3. Setting the REFFRQ[1:0] bits wrong can result in a non functional
IPLL (no locking and/or insufficient stability).
11.3.2.3
S12XECRG Post Divider Register (POSTDIV)
The POSTDIV register controls the frequency ratio between the VCOCLK and PLLCLK. The count in the
final divider divides VCOCLK frequency by 1 or 2*POSTDIV. Note that if POSTDIV = $00 fPLL=fVCO
(divide by one).
Module Base + 0x0001
76543210
R
REFFRQ[1:0]
REFDIV[5:0]
W
Reset
0
0
0
00000
Figure 11-4. S12XECRG Reference Divider Register (REFDV)
Table 11-3. Reference Clock Frequency Selection
REFCLK Frequency Ranges
REFFRQ[1:0]
1MHz <= fREF <= 2MHz
00
2MHz < fREF <= 6MHz
01
6MHz < fREF <= 12MHz
10
fREF >12MHz
11
fREF
fOSC
REFDIV 1
+
()
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com