công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 471 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 471 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 467Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 468Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 469Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 470Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 471Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 472Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 473Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
471
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2
Register Descriptions
This section describes in address order all the S12XECRG registers and their individual bits.
11.3.2.1
S12XECRG Synthesizer Register (SYNR)
The SYNR register controls the multiplication factor of the IPLL and selects the VCO frequency range.
Read: Anytime
Write: Anytime except if PLLSEL = 1
NOTE
Write to this register initializes the lock detector bit.
NOTE
fVCO must be within the specified VCO frequency lock range. F.BUS (Bus
Clock) must not exceed the specified maximum. If POSTDIV = $00 then
fPLL is same as fVCO (divide by one).
The VCOFRQ[1:0] bit are used to configure the VCO gain for optimal stability and lock time. For correct
IPLL operation the VCOFRQ[1:0] bits have to be selected according to the actual target VCOCLK
frequency as shown in Table 11-2. Setting the VCOFRQ[1:0] bits wrong can result in a non functional
IPLL (no locking and/or insufficient stability).
Module Base + 0x0000
76543210
R
VCOFRQ[1:0]
SYNDIV[5:0]
W
Reset
0
0
0
00000
Figure 11-3. S12XECRG Synthesizer Register (SYNR)
Table 11-2. VCO Clock Frequency Selection
VCOCLK Frequency Ranges
VCOFRQ[1:0]
32MHz <= fVCO<= 48MHz
00
48MHz < fVCO<= 80MHz
01
Reserved
10
80MHz < fVCO <= 120MHz
11
fVCO 2fOSC
×
SYNDIV 1
+
()
REFDIV 1
+
()
-------------------------------------
×
=
fPLL
fVCO
2 POSTDIV
×
------------------------------------
=
fBUS
fPLL
2
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com